Part Number Hot Search : 
102MP3 PF240A25 RTL82 01089 BPC2508 STD83 AM29F01 AD734
Product Description
Full Text Search
 

To Download IS61LV256AL-10T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS61LV256AL
32K x 8 LOW VOLTAGE CMOS STATIC RAM
FEATURES
* High-speed access times: -- 10 ns * Automatic power-down when chip is deselected * CMOS low power operation -- 60 W (typical) CMOS standby -- 65 mW (typical) operating * TTL compatible interface levels * Single 3.3V power supply * Fully static operation: no clock or refresh required * Three-state outputs * Lead-free available
ISSI
MARCH 2006
(R)
DESCRIPTION The ISSI IS61LV256AL is a very high-speed, low power,
32,768-word by 8-bit static RAM. It is fabricated using ISSI's high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 8 ns maximum. When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation is reduced to 150 W (typical) with CMOS input levels. Easy memory expansion is provided by using an active LOW Chip Enable (CE). The active LOW Write Enable (WE) controls both writing and reading of the memory. The IS61LV256AL is available in the JEDEC standard 28pin, 300-mil SOJ and the 450-mil TSOP (Type I) packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A14
DECODER
32K X 8 MEMORY ARRAY
VDD GND I/O DATA CIRCUIT
I/O0-I/O7
COLUMN I/O
CE OE WE CONTROL CIRCUIT
Copyright (c) 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
1
IS61LV256AL
PIN CONFIGURATION
28-Pin SOJ
A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VDD WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
ISSI
PIN CONFIGURATION
28-Pin TSOP (Type I)
OE A11 A9 A8 A13 WE VDD A14 A12 A7 A6 A5 A4 A3 22 23 24 25 26 27 28 1 2 3 4 5 6 7 21 20 19 18 17 16 15 14 13 12 11 10 9 8
(R)
A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2
PIN DESCRIPTIONS
A0-A14 CE OE WE I/O0-I/O7 VDD GND Address Inputs Chip Enable Input Output Enable Input Write Enable Input Input/Output Power Ground
TRUTH TABLE
Mode Not Selected (Power-down) Output Disabled Read Write WE X H H L CE H L L L OE X H L X I/O Operation High-Z High-Z DOUT DIN VDD Current ISB1, ISB2 ICC ICC ICC
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VDD VTERM TSTG PD IOUT Parameter Power Supply Voltage Relative to GND Terminal Voltage with Respect to GND Storage Temperature Power Dissipation DC Output Current Value -0.5 to +4.6 -0.5 to +4.6 -65 to +150 1 20 Unit V V C W mA
Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
IS61LV256AL
ISSI
Ambient Temperature 0C to +70C -40C to +85C Speed (ns) 10 10 VDD(1) 3.3V, +10%, -5% 3.3V + 10%, -5%
(R)
OPERATING RANGE
Range Commercial Industrial
Note: 1. If operated at 12ns, VDD range is 3.3V + 10%.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter VOH VOL VIH VIL ILI ILO Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage(1) Input Leakage Output Leakage GND VIN VDD GND VOUT VDD, Outputs Disabled Com. Ind. Com. Ind. Test Conditions VDD = Min., IOH = -2.0 mA VDD = Min., IOL = 4.0 mA Min. 2.4 -- 2.2 -0.3 -1 -2 -1 -2 Max. -- 0.4 VDD + 0.3 0.8 1 2 1 2 Unit V V V V A A
Notes: 1. VIL (min.) = -0.3V (DC); VIL (min.) = -2.0V (pulse width 2.0 ns). VIH (max.) = VDD + 0.5V (DC); VIH (max.) = VDD + 2.0V (pulse width 2.0 ns). 2. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
3
IS61LV256AL
ISSI
-10 ns Test Conditions VDD = Max., CE = VIL IOUT = 0 mA, f = 1 MHz VDD = Max., CE = VIL IOUT = 0 mA, f = fMAX VDD = Max., VIN = VIH or VIL CE VIH, f = 0 VDD = Max., CE VDD - 0.2V, VIN VDD - 0.2V, or VIN 0.2V, f = 0 Com. Ind. Com. Ind. typ.(2) Com. Ind. Com. Ind. typ.(2)
Min. Max. Unit
(R)
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
Sym. ICC1 ICC2 Parameter VDD Operating Supply Current VDD Dynamic Operating Supply Current TTL Standby Current (TTL Inputs) CMOS Standby Current (CMOS Inputs)
-- -- -- -- 20 -- -- -- -- 2
20 25 30 35 1 1 40 50
mA mA
ISB1
mA
ISB2
A
Notes: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. 2. Typical values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.
CAPACITANCE(1,2)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 6 5 Unit pF pF
Notes: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25C, f = 1 MHz, VDD = 3.3V.
4
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
IS61LV256AL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10 ns Symbol Parameter Read Cycle Time Address Access Time Output Hold Time CE Access Time OE Access Time
(2) (2)
ISSI
-12 ns
Min. Max. Unit Min. Max.
(R)
tRC tAA tOHA tACE tDOE tLZOE tHZOE tHZCE tPU tPD
(3) (3)
10 -- 2 -- -- 0 -- 3 -- 0 --
-- 10 -- 10 5 -- 5 -- 5 -- 10
12 -- 2 -- -- 0 -- 3 -- 0 --
-- 12 -- 12 5 -- 5 -- 6 -- 12
ns ns ns ns ns ns ns ns ns ns ns
OE to Low-Z Output OE to High-Z Output CE to Low-Z Output CE to High-Z Output CE to Power-Up CE to Power-Down
tLZCE(2)
(2)
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 200 mV from steady-state voltage. Not 100% tested. 3. Not 100% tested.
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Levels Output Load Unit 0V to 3.0V 3 ns 1.5V See Figures 1 and 2
AC TEST LOADS
319 3.3V
3.3V 319
OUTPUT 30 pF Including jig and scope 353
OUTPUT 5 pF Including jig and scope 353
Figure 1.
Figure 2. 5
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
IS61LV256AL
AC WAVEFORMS READ CYCLE NO. 1(1,2)
t RC
ADDRESS
ISSI
(R)
t AA t OHA
DOUT
PREVIOUS DATA VALID
t OHA
DATA VALID
READ1.eps
READ CYCLE NO. 2(1,3)
t RC
ADDRESS
t AA
OE
t OHA t HZOE
t DOE
CE
t LZOE t LZCE t ACE
DATA VALID
CE_RD2.eps
t HZCE
DOUT
HIGH-Z
Notes: 1. WE is HIGH for a Read Cycle. 2. The device is continuously selected. OE, CE = VIL. 3. Address is valid prior to or coincident with CE LOW transitions.
6
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
IS61LV256AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-10 ns Symbol Parameter Write Cycle Time CE to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time WE Pulse Width (OE HIGH) WE Pulse Width (OE LOW) Data Setup to Write End Data Hold from Write End WE LOW to High-Z Output WE HIGH to Low-Z Output
(3)
ISSI
-12 ns
Min. Max. Unit Min. Max.
(R)
tWC tSCE tAW tHA tSA tPWE1 tPWE2 tSD tHD tHZWE(3) tLZWE
10 8 8 0 0 7 10 6.5 0 -- 0
-- -- -- -- -- -- -- -- -- 3.5 --
12 8 8 0 0 8 12 7 0 -- 0
-- -- -- -- -- -- -- -- -- 5 --
ns ns ns ns ns ns ns ns ns ns ns
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading specified in Figure 1. 2. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the Write. 3. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
AC WAVEFORMS WRITE CYCLE NO. 1 (CE Controlled, OE is HIGH or LOW) (1 )
t WC
ADDRESS
VALID ADDRESS
t SA
CE
t SCE t AW t PWE1 t PWE2 t HZWE
t HA
WE
t LZWE
HIGH-Z
DOUT
DATA UNDEFINED
t SD
DIN
t HD
DATAIN VALID
CE_WR1.eps
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
7
IS61LV256AL
WRITE CYCLE NO. 2 (WE Controlled, OE is HIGH During Write Cycle) (1,2)
t WC
ADDRESS
VALID ADDRESS
ISSI
t HA
(R)
OE
CE
LOW
t AW
WE
t PWE1 t LZWE
HIGH-Z
t SA
DOUT
DATA UNDEFINED
t HZWE
t SD
DIN
t HD
DATAIN VALID
CE_WR2.eps
WRITE CYCLE NO. 3 (WE Controlled, OE is LOW During Write Cycle) (1)
t WC
ADDRESS OE CE
VALID ADDRESS
LOW
t HA
LOW
t AW
WE
t PWE2 t LZWE
HIGH-Z
t SA
DOUT
DATA UNDEFINED
t HZWE
t SD
DIN
t HD
DATAIN VALID
CE_WR3.eps
Notes: 1. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the Write. 2. I/O will assume the High-Z state if OE > VIH.
8
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
IS61LV256AL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol Parameter VDD for Data Retention Data Retention Current Data Retention Setup Time Recovery Time Test Condition See Data Retention Waveform VDD = 2.0V, CE VDD - 0.2V VIN VDD - 0.2V, or VIN VSS + 0.2V See Data Retention Waveform See Data Retention Waveform Com. Ind. Min. 2.0 -- -- 0 2 -- Typ.(1)
ISSI
Max. 3.6 40 50 -- -- Unit V A ns ns
(R)
VDR
IDR
tSDR tRDR
Note:
tRC
1. Typical Values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.
DATA RETENTION WAVEFORM (CE Controlled) CE
tSDR VDD Data Retention Mode tRDR
VDR CE VDD - 0.2V
CE GND
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
9
IS61LV256AL
ISSI
Package TSOP - Type I TSOP - Type I, Lead-free 300-mil Plastic SOJ 300-mil Plastic SOJ, Lead-free
(R)
ORDERING INFORMATION Commercial Range: 0C to +70C
Speed (ns) 10 Order Part No. IS61LV256AL-10T IS61LV256AL-10TL IS61LV256AL-10J IS61LV256AL-10JL
ORDERING INFORMATION Industrial Range: -40C to +85C
Speed (ns) 10 Order Part No. IS61LV256AL-10TI IS61LV256AL-10TLI IS61LV256AL-10JI IS61LV256AL-10JLI Package TSOP - Type I TSOP - Type I, Lead-free 300-mil Plastic SOJ 300-mil Plastic SOJ, Lead-free
10
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. A 03/17/06
PACKAGING INFORMATION
300-mil Plastic SOJ Package Code: J
N
ISSI
(R)
E1
E
1
D A
SEATING PLANE
B
A2 C
e
b
A1
E2
MILLIMETERS Sym.
N0. Leads A A1 A2 b B C D E E1 E2 e -- 0.64 2.41 0.41 0.66 0.20 17.02 8.26 7.49 6.27
INCHES Min. Typ. Max.
Min. Typ. Max.
24/26 -- -- -- -- -- -- -- -- -- -- 3.56 -- 2.67 0.51 0.81 0.25 17.27 8.76 7.75 7.29
Notes: 1. Controlling dimension: inches, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of
the package.
4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
-- 0.025 0.095 0.016 0.026 0.008 0.670 0.325 0.295 0.247
-- 0.140 -- -- -- -- -- -- -- -- -- -- 0.105 0.020 0.032 0.010 0.680 0.345 0.305 0.287
1.27 BSC
0.050 BSC
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 02/25/03
PACKAGING INFORMATION
300-mil Plastic SOJ Package Code: J
ISSI
(R)
MILLIMETERS Sym.
N0. Leads A A1 A2 b B C D E E1 E2 e -- 0.64 2.41 0.41 0.66 0.20 18.29 8.26 7.49 6.27
INCHES Min. Typ. Max. Sym.
N0. Leads
MILLIMETERS Min. Typ. Max.
32 -- 0.64 2.41 0.41 0.66 0.20 20.83 8.26 7.49 6.27 -- -- -- -- -- -- -- -- -- -- 3.56 -- 2.67 0.51 0.81 0.25 21.08 8.76 7.75 7.29 --
INCHES Min. Typ. Max.
Min. Typ. Max.
28 -- -- -- -- -- -- -- -- -- -- 3.56 -- 2.67 0.51 0.81 0.25 18.54 8.76 7.75 7.29
-- 0.025 0.095 0.016 0.026 0.008 0.720 0.325 0.295 0.247
-- -- -- -- -- -- -- -- -- --
0.140 -- 0.105 0.020 0.032 0.010 0.730 0.345 0.305 0.287
A A1 A2 b B C D E E1 E2 e
-- -- -- -- -- -- -- -- -- --
0.140 -- 0.105 0.020 0.032 0.010 0.830 0.345 0.305 0.287
0.025 0.095 0.016 0.026 0.008 0.820 0.325 0.295 0.247
1.27 BSC
0.050 BSC
1.27 BSC
0.050 BSC
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 02/25/03
PACKAGING INFORMATION
Plastic TSOP - 28-pins Package Code: T (Type I)
1
ISSI
(R)
E
H
N D
SEATING PLANE
S
A
e
B
L A1
C
Symbol Ref. Std. No. Leads A A1 B C D E H e L
Plastic TSOP (T--Type I) Millimeters Inches Min Max Min Max 28 1.00 1.20 0.05 0.20 0.16 0.27 0.10 0.20 7.90 8.10 11.70 11.90 13.20 13.60 0.55 BSC 0.30 0.70 0 5 0.037 0.047 0.002 0.008 0.006 0.011 0.004 0.008 0.308 0.316 0.456 0.465 0.515 0.531 0.022 BSC 0.011 0.027 0 5
Notes: 1. Controlling dimension: millimeters, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E do not include mold flash protrusions and
should be measured from the bottom of the package.
4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
Integrated Silicon Solution, Inc.
PK13197T28 Rev. B 01/31/97


▲Up To Search▲   

 
Price & Availability of IS61LV256AL-10T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X